Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
  fixed Datasheet PDF File

For fixed Found Datasheets File :: 52419    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MIC5282

Micrel Semiconductor
Part No. MIC5282
OCR Text ... mic52 82 is offered in both fixed output voltage ( 3.3v/5.0v) and adjustable output voltage (1.27v to 5.5v) options. the mic5282 operates over a ? 40 c to +125 c temperature range and is available in lead - free, r o hs...
Description Ultra-Low IQ, High-PSRR Linear Regulator

File Size 904.56K  /  19 Page

View it Online

Download Datasheet





    AXElite
Part No. AX3515
OCR Text ...ge filtering elements due to a fixed operation frequency of 1. 4 mhz. this along with small t dfn - 1 2 l ( 3x3 ) package provides small pcb area application. other features inc lude soft start, lower internal reference vo...
Description Dual High-Efficiency PWM Step-Down DC-DC Converter

File Size 658.15K  /  12 Page

View it Online

Download Datasheet

    MAAM000060

Tyco Electronics
Part No. MAAM000060
OCR Text ...l. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. functional schematic features ? 75 ? input / output match ? ctb: -75 dbc ? noise fi...
Description Broadband CATV Amplifier

File Size 212.72K  /  6 Page

View it Online

Download Datasheet

    Philips
Part No. TDA3663T
OCR Text ...age regulator tda3663 features fixed 3.3 v, 100 ma regulator supply voltage range up to 33 v (45 v) very low quiescent current of 15 m a (typical value) very low dropout voltage high ripple rejection very high stability: C electrolyti...
Description Very low dropout voltage/quiescent current 3.3 V voltage regulator

File Size 91.45K  /  16 Page

View it Online

Download Datasheet

    STBB1-APUR

STMicroelectronics
Part No. STBB1-APUR
OCR Text ...as description the stbb1-a is a fixed frequency, high efficiency, buck-boost dc-dc converter able to provide output voltages ranging from 1.2 v to 5.5 v and input voltages from 2.0 v to 5.5 v. the device can operate with input voltages ...
Description 1 A, high efficiency single inductor dual mode buck-boost DC-DC converter

File Size 1,520.17K  /  22 Page

View it Online

Download Datasheet

    STBB1-33PUR STBB1-28PUR

STMICROELECTRONICS
Part No. STBB1-33PUR STBB1-28PUR
OCR Text ...as description the stbb1xx is a fixed frequency, high efficiency, buck-boost dc-dc converter able to provide output voltages ranging from 1.2 v to 5.5 v and input voltages from 2.0 v to 5.5 v. the device can operate with input voltages ...
Description DC-DC REG PWR SUPPLY MODULE

File Size 1,427.08K  /  21 Page

View it Online

Download Datasheet

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ...hannel of the AD5207 contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the SPI-compatible serial-input register. The resistance between the wiper and either...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ... packages. Each part contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digital code loaded into the controlling serial input register. The resistance between the wiper and either en...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ...e values. The AD5220 contains a fixed resistor with a wiper contact that taps the fixed resistor value at a point determined by a digitally controlled UP/DOWN counter. The resistance between the wiper and either end point of the fixed resis...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...values. The AD5222 contains two fixed resistors with wiper contacts that tap the fixed resistor value at a point determined by a digitally controlled up/down counter. The resistance between the wiper and either end point of the fixed resist...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

For fixed Found Datasheets File :: 52419    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fixed

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0047998428345